Part Number Hot Search : 
0FAIR2 MJE13007 256486 MW6TG XC2361B 2N2378 25616 4EDL1S
Product Description
Full Text Search
 

To Download 2SB1011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1011
Silicon PNP triple diffusion planar type
For low-frequency output amplification
8.0+0.5 -0.1
Unit: mm
3.20.2
Features
* High collector-base voltage (Emitter open) VCBO * High collector-emitter voltage (Base open) VCEO * Large collector power dissipation PC * Low collector-emitter saturation voltage VCE(sat)
3.160.1
3.80.3
11.00.5
1.90.1
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating -400 -400 -5 -100 -200 1.2 150 -55 to +150 Unit V V V
1 2 3 0.750.1 4.60.2
0.50.1 0.50.1 2.30.2 1.760.1
mA mA W C C
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emiter open) Collector-emitter voltage (Base open) Emiter-base voltage (Collector open) Forward current transfer ratio Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) Symbol VCBO VCEO VEBO hFE VCE(sat) VBE(sat) fT Cob Conditions IC = -100 A, IE = 0 IC = -500 A, IB = 0 IE = -100 A, IC = 0 VCE = -5 V, IC = -30 mA IC = -50 mA, IB = -5 mA IC = -50 mA, IB = -5 mA VCB = -30 V, IE = 20 mA, f = 200 MHz VCB = -30 V, IE = 0, f = 1 MHz 70 9 Min -400 -400 -5 30 -2.5 -1.5 Typ Max Unit V V V V V MHz pF
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
16.01.0
1: Emitter 2: Collector 3: Base TO-126B-A1 Package
3.050.1
Publication date: March 2003
SJD00036BED
1
2SB1011
PC Ta
1.6 Without heat sink
-120
IC VCE
TC=25C
IC VBE
-120
VCE=-5V 25C
Collector power dissipation PC (W)
-100
-100
-0.9mA
-80
Collector current IC (mA)
1.2
Collector current IC (mA)
TC=75C
-0.8mA -0.7mA IB=-1mA
-80
0.8
-60
-0.4mA
-0.6mA -0.5mA -0.3mA -0.2mA
-60
-40
-40
-25C
0.4
-20
-0.1mA
-20
0
0
0
40
80
120
160
0
-2
-4
-6
-8
-10
-12
0
0
- 0.2
- 0.4
- 0.6
- 0.8
-1.0
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
-100
IC/IB=10
hFE IC
240
VCE=-5V
fT I E
120
VCB=-30V f=200MHz TC=25C
Forward current transfer ratio hFE
-10
Ta=75C
160
Transition frequency fT (MHz)
-10 -100
200
100
80
-1
TC=75C 25C -25C
120
25C -25C
60
80
40
- 0.1
40
20
- 0.01 - 0.1
-1
-10
-100
0 - 0.1
-1
0
1
10
100
1 000
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
30
IE=0 f=1MHz TC=25C
Sefe operation area
-1 000
ICP Single pulse TC=25C t=10ms
25
Collector current IC (A)
-100
t=100ms IC t=1s
20
15
-10
10
-1
5
- 0.1 -1
0 -1
-10
-100
-10
-100
-1 000
Collector-base voltage VCB (V)
Collector-emitter voltage VCE (V)
2
SJD00036BED
2SB1011
Rth t
104 free air
Thermal resistance Rth (C/W)
103
102
10
1
10-1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
SJD00036BED
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SB1011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X